PART |
Description |
Maker |
1PMT5920BT1 1PMT5920BT3 1PMT5941BT3 1PMT5920B 1PMT |
3.2 Watt Plastic Surface Mount POWERMITE Package 3.2 Watt Plastic Surface Mount POWERMITE Package 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 3.2 Watt Plastic Surface Mount POWERMITE Package 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 3.2 Watt Plastic Surface Mount POWERMITE Package 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 16V 3.2W Zener Diode 6.8V 3.2W Zener Diode 7.5V 3.2W Zener Diode 8.2V 3.2W Zener Diode 9.1V 3.2W Zener Diode 10V 3.2W Zener Diode 12V 3.2W Zener Diode 18V 3.2W Zener Diode 47V 3.2W Zener Diode 27V 3.2W Zener Diode 22V 3.2W Zener Diode 24V 3.2W Zener Diode 30V 3.2W Zener Diode 39V 3.2W Zener Diode 3.2 Watt Plastic Surface Mount POWERMITE? Package
|
ONSEMI[ON Semiconductor]
|
1SMB5956BT3G SZ1SMB5936T3G |
3 Watt Plastic Surface Mount Zener Voltage Regulators
|
ON Semiconductor
|
SLD-1026Z |
3 Watt Discrete LDMOS Device Plastic Surface Mount Package
|
sirenza.com
|
SLD-1026Z |
3 Watt Discrete LDMOS Device Plastic Surface Mount Package
|
SIRENZA[SIRENZA MICRODEVICES]
|
SMCG43A SMCJ75 SMCJ58A |
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
|
MICROSEMI[Microsemi Corporation]
|
1PMT5920B05 1PMT5920BT1G 1PMT5920BT3G 1PMT5941BT3G |
3.2 Watt Plastic Surface Mount POWERMITE Package
|
ONSEMI[ON Semiconductor]
|
SMBG33A SMBG33 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ9.0A |
SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA MS3470L14-4S MS3470L14-4P CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-TSSOP -55 to 125 SURFACE MOUNT 600 Watt Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MMSZ2V4BW09 MMSZ10VBW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics (Hol...
|
MMSZ16VBW MMSZ20VBW MMSZ9V1BW MMSZ10VBW MMSZ11VBW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
CMZ5944B CMZ5948B CMZ5921B CMZ5925B CMZ5926B CMZ59 |
SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 5% TOLERANCE SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS ± 5% TOLERANCE surface mount silicon Zener diodes 24 V, 0.9 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Central Semiconductor Corp
|
ISP620-4X ISP620-1 ISP620-1X ISP620-2 ISP620-2X IS |
2 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER SURFACE MOUNT, PLASTIC, DIP-8 4 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER SURFACE MOUNT, PLASTIC, DIP-16 1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER SURFACE MOUNT, PLASTIC, DIP-4 HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
|
Isocom Components, Ltd. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|